Part Number Hot Search : 
TLP161G LM190 FA5510P MAX20271 STD123S MCZ3399 TA78L05 CUN9AF1B
Product Description
Full Text Search
 

To Download NA-320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11 * all specifcations and photos are subject to change without notice. axiomtek.com overview soho series smb series accessories ? 2013 axiomtek co., ltd. all rights reserved. NA-320 desktop network appliance platform with intel ? atom? processor d510 and 6 lans low power and high performance intel ? atom? processor d510 1.66 ghz with 1m/512k l2 cache and intel ? ich8m pch chipset supports 6 10/100/1000mbps ethernet ports (intel 82583v is default) supports bios redirected to com port supports one 2.5" sata hdd suitable for vpn, network bandwidth controller, frewall applications supports intel hyper-threading technology ordering information packing list dimensions specifcations features rear view front view standard NA-320-d6gi-1.6g compact network appliance with intel ? atom? processor d510 1.66 ghz and 6 10/100/1000mbps (intel ? 82583v) optional ck9a104 cable kit (p/n: 8816e320010e) 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 1 x dc power adapter 12v/5a 1 x sata cable 1 x utility cd (user's manual and driver) 1 x rj-45 to db9 (f) 1.8m console cable (rc) cross cable introduction the NA-320 is a compact network hardware platform for vpn, firewall, utm and other network applications. it supports low power intel ? atom? processor d410/d510 1.66 ghz with intel ? ich8m pch chipset and features a 1u desktop form factor. the system supports up to 2 gb of ddr2 667 memory. in addition, the NA-320 features one internal 2.5" hdd for storing event log. to prevent problems from sudden shutdown, the NA-320 supports lan bypass function through wdt and gpio pin defnitions (optional). meantime, the mini card is for wifi wireless card installation. system cpu intel ? atom? processor d510 1.66 ghz with 1m l2 cache chipset intel ? ich8m pch chipset memory 1 x ddr2 667 (single channel) so-dimm max. up to 2 gb (unbuffered non-ecc) bios ami 16mbit pnp flash bios with function of bios redirected to com port hdd interface 1 x 2.5" sata hdd network interface 6 x 10/100/1000mbps ethernet (intel ? 82583v (default), intel ? 82574l (optional)) ssd 1 x compactflash? type ii i/o interface 1 x rs-232 (rj-type connector), 2 x usb connector, 6 x rj-45 connector, 1 x dc-in power jack watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on rear side, rest are internal pin headers expansion slot pcie mini card (usb transaction bus) other features (optional) lan bypass function through wdt and gpio pin control (one group) power supply 1 x 12v, 5a power adapter os compatibility linux redhat kernel 2.6 mechanical/ environmental form factor 1u desktop led power, hdd, link/act with transfer rate, lan bypass (optional), gpio programmable (optional) operating temp. 0 ~ +40c (32f ~ 104f) storage temp. -20 ~ +70c (-4f ~ +158f) humidity 10% ~ 90% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 230 mm (9.00") (w) x 153.5 mm (6.04") (d) weight (net/gross) 2.5 kg (5.51 lb)/2.9 kg (6.39 lb) certifcation fcc class b/ce class b low p ower 153.5 230.00 44.00


▲Up To Search▲   

 
Price & Availability of NA-320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X